Part Number Hot Search : 
2A152 AC162052 APE3116 080115R0 IDT74CBT 1A66D SPSCWHK 5SMC45A
Product Description
Full Text Search
 

To Download 75N43102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NETWORK SEARCH ENGINE 32K x 72 Entries
Datasheet Brief 75N43102
To request the full IDT75N43102 datasheet, please contact your local IDT Sales Representative or call 1-831-754-4555
Device Description
IDT provides proven, industry-leading network search engines (NSEs) that enable and accelerate the intelligent processing of network services in communications equipment. As a part of the complete IDT classification subsystem that includes content inspection engines, the IDT family of NSEs delivers high-performance, feature-rich, easy-to-use, integrated search accelerators. The IDT 75N43102 is ideally suited for cost-sensitive applications in the enterprise and access markets. It is a full-ternary 32K x 72 entry device where each entry location in the NSE has both a Data entry and an associated Mask entry. The NSE devices integrate content addressable memory (CAM) technology with high-performance logic. The device can perform Lookup operations plus Read and Write maintenance operations. The IDT 75N43102 NSE device has a bi-directional bus that is a multiplexed address and data bus that can support 62.5 million sustained searches per second. This device can be configured to enable multiple width lookups from 72 to 288 bits wide. The IDT 75N43102 requires a 1.5-volt VDD1 supply and a 2.5-volt VDD2 supply. The IDT 75N43102 NSE utilizes the latest high-performance 1.5V CMOS processing technology and is packaged in a JEDEC Standard, 256 pin low profile Ball Grid Array.
Block Diagram
CONFIGIN MATCHIN
Configuration Registers
CONFIGOUT
CLK2X PHASEN
/ /
2
CCLK
RST REQSTB Command Bus
I N S T R U C T IO N
R/W
S I Z E
32K X 72
L O G I C
P R I O R I T Y E N C O D E R
Index Bus
D E C
Request Bus
REQDATA
Address
O D E
MATCHOUT
DATA Global Mask Registers
64 3 5 d r w 0 1
System Configurations
The IDT NSEs are designed to fulfill the needs of various types of networking systems. In solutions requiring data searching such as routers, a system configuration as shown in Figure 1.0 may be realized. In this compatible configuration, the NSE interfaces directly to an ASIC/ FPGA for lookups and routes an Index directly back to the ASIC/ FPGA. Control of the associated handshake signals is provided by the NSEs for this configuration.
Figure 1.0 ASIC / FPGA Compatible NSE
Network Interface
ASIC or FPGA
IDT 75N43102 Network Search Engine
5346 drw02
APRIL 2004 1
(c) 2003 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-6435/0B
Network Search Engine 32K x 72 Entries
Datasheet Brief 75N43102
Features
s s s s s s s s s
Full Ternary 32K x 72 bit content addressable memory Global Mask Registers 72/144/288 multiple width lookups 62.5M sustained lookups per second at 72 and 144 width lookups Dual bus interface Cascadable to 2 devices with no glue logic or latency penalty Boundary Scan JTAG Interface (IEEE 1149.1compliant) 1.5V match power supply 2.5V core and I/O power supply
Bus Interface The NSE utilizes a dual bus interface consisting of the NSE Request Bus and the NSE Response Bus. The NSE Request Bus is comprised of the Command Bus and the Request Data Bus. The Command Bus handles the instruction to the NSE while the Request Data Bus is the main data path to the NSE. The 72 bit bi-directional Request Data Bus functions as a multiplexed address and data bus, which performs the writing and reading of NSE entries, as well as presenting lookup data to the device. The NSE Response Bus is comprised of an independent unidirectional Index Bus which drives the result of the lookup (or index) to an ASIC. Command Bus The Command Bus loads the specific instructions into the NSE. These include: s Read or Write A Read or Write instruction operates on a specified data entry, mask entry, or register. s Lookup A lookup can be requested in 72-bit, 144-bit or 288-bit widths. A 36bit lookup can be accomplished by using two Global Mask Registers. Registers There are three basic types of registers supported: s Configuration Registers are used at initialization to define the segmentation of the entries. s Global Mask Registers are provided to support Lookup instructions by masking individual bits during a search. s Reply Width Registers are used with Lookup operations.
Functional Highlights
Data and Mask Array The NSE has Data cell entries and associated Mask cell entries as shown in Fig. 1.1. This combination of Data and Mask cell entries enables the NSE to store 0, 1 or X, making it a full ternary Network Search Engine. During a lookup operation, both arrays are used along with a Global Mask Register to find a match to a requested data word. Figure 1.1
Mask D at a
A 6435 drw 03
2
Network Search Engine 32K x 72 Entries
Datasheet Brief 75N43102
Signal Descriptions
Pin Function NSE Buses: Request Strobe Command Bus Request Data Bus Index Bus Clock and Initialization: Clock Input Clock Phase Enable Reset Depth Expansion: Configuration Configuration Match Input Match Output Input Output Input Output Configures the De vice ID at power up. Configures the De vice ID at power up. The Match Input signal is driven by the upstream Match Output signal. This indicates to the down stream NSE that a hit in the higher priority NSE has occurred. The Match Output signal sig nifies that a match has occurred in the NSE. The signal is fed into the Match Input line of the lower priority NSE.
6435 tbl 01
I/O
Description
Input Input
This input sig nifies a valid input request and signals the start of an NSE operation cycle. This defines the instruction to be performed by the NSE and selects a global mask register.
Input/Output The Request Data Bus is a multiplexed address/data bus used to perform reads (and Three State writes) from (to) the NSE, and to present search data for lookups. Output This bus is used to drive the Lookup result information directly to the NSE's ASIC/FPGA. Three State The Index Bus contains the encoded location at which the compare was found.
Input Input Input
All inputs and outputs are referenced to the positive edge of this clock. This signal is used to generate an internal clock at 1/2 the frequency of the input clock. This pin will fo rce all outputs to a high impedence condition, as well as clearing the NSE enable bit.
6.42 3
Network Search Engine 32K x 72 Entries
Datasheet Brief 75N43102
Revision History
REV 0 A B DATE 7/11/03 08/14/03 04/12/04 PAGES p.1-3 p.4 All DESCRIPTION Initial release Updated pinout. Updated, removed pinout.
4


▲Up To Search▲   

 
Price & Availability of 75N43102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X